Part Number Hot Search : 
82C251 A3949SLP SPM1423 BAT54H ISL59 TFS71H TD6382P A1200
Product Description
Full Text Search
 

To Download IRF7321D2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter maximum units i d @ t a = 25c continuous drain current, v gs @ -10v -4.7 a i d @ t a = 70c -3.8 i dm pulsed drain current -38 p d @t a = 25c power dissipation 2.0 w p d @t a = 70c 1.3 linear derating factor 16 mw/c v gs gate-to-source voltage 20 v dv/dt peak diode recovery dv/dt -5.0 v/ns t j, t stg junction and storage temperature range -55 to +150 c l co-packaged hexfet power mosfet and schottky diode l ideal for buck regulator applications l p-channel hexfet l low v f schottky rectifier l generation 5 technology l so-8 footprint IRF7321D2 3/17/99 fetky mosfet & schottky diode absolute maximum ratings ( t a = 25c unless otherwise noted) tm description so-8 v dss = -30v r ds(on) = 0.062 w schottky vf = 0.52v the fetky tm family of co-packaged hexfets and schottky diodes offer the designer an innovative board space saving solution for switching regulator and power management applications. generation 5 hexfets utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. combinining this technology with international rectifier's low forward drop schottky rectifiers results in an extremely efficient device suitable for use in a wide variety of portable electronics applications. the so-8 has been modified through a customized leadframe for enhanced thermal characteristics. the so-8 package is designed for vapor phase, infrared or wave soldering techniques. top view 8 1 2 3 4 5 6 7 a a s g d d k k parameter maximum units r q ja junction-to-ambient ? 62.5 c/w thermal resistance ratings notes: ? repetitive rating C pulse width limited by max. junction temperature (see fig. 11) ? i sd -2.9a, di/dt -77a/s, v dd v (br)dss , t j 150c ? pulse width 300s C duty cycle 2% ? surface mounted on fr-4 board, t 10sec. www.irf.com pd- 91667c
IRF7321D2 2 www.irf.com parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -30 CCC CCC v v gs = 0v, i d = -250a CCC 0.042 0.062 v gs = -10v, i d = -4.9a ? CCC 0.076 0.098 v gs = -4.5v, i d = -3.6a ? v gs(th) gate threshold voltage -1.0 CCC CCC v v ds = v gs , i d = -250a g fs forward transconductance CCC 7.7 CCC s v ds = -15v, i d = -4.9a CCC CCC -1.0 v ds = -24v, v gs = 0v CCC CCC -25 v ds = -24v, v gs = 0v, t j = 55c gate-to-source forward leakage CCC CCC 100 v gs = -20v gate-to-source reverse leakage CCC CCC -100 v gs = 20v q g total gate charge CCC 23 34 i d = -4.9a q gs gate-to-source charge CCC 3.8 5.7 nc v ds = -15v q gd gate-to-drain ("miller") charge CCC 5.9 8.9 v gs = -10v, see fig. 6 ? t d(on) turn-on delay time CCC 13 19 v dd = -15v t r rise time CCC 13 20 i d = -1.0a t d(off) turn-off delay time CCC 34 51 r g = 6.0 w t f fall time CCC 32 48 r d = 15 w , ? c iss input capacitance CCC 710 CCC v gs = 0v c oss output capacitance CCC 380 CCC pf v ds = -25v c rss reverse transfer capacitance CCC 180 CCC ? = 1.0mhz, see fig. 5 mosfet electrical characteristics @ t j = 25c (unless otherwise specified) r ds(on) static drain-to-source on-resistance i dss drain-to-source leakage current i gss w a na ns parameter min. typ. max. units conditions i s continuous source current(body diode) CCC CCC -2.5 i sm pulsed source current (body diode) CCC CCC -30 v sd body diode forward voltage CCC -0.78 -1.0 v t j = 25c, i s = -1.7a, v gs = 0v t rr reverse recovery time (body diode) CCC 44 66 ns t j = 25c, i f = -1.7a q rr reverse recovery charge CCC 42 63 nc di/dt = 100a/s ? a mosfet source-drain ratings and characteristics parameter max. units conditions if (av) max. average forward current 3.2 50% duty cycle. rectangular wave, tc = 25c 2.0 see fig.14 tc = 70c i sm max. peak one cycle non-repetitive 200 5s sine or 3s rect. pulse following any rated surge current 20 10ms sine or 6ms rect. pulse load condition & with vrrm applied a schottky diode maximum ratings a parameter max. u nits conditions vfm max. forward voltage drop 0.57 if = 3.0, tj = 25c 0.77 if = 6.0, tj = 25c 0.52 if = 3.0, tj = 125c 0.79 if = 6.0, tj = 125c . irm max. reverse leakage current 0.30 vr = 30v tj = 25c 37 tj = 125c ct max. junction capacitance 310 pf vr = 5vdc ( 100khz to 1 mhz) 25c dv/dt max. voltage rate of charge 4900 v/s rated vr schottky diode electrical specifications v ma ( hexfet is the reg. tm for international rectifier power mosfet's )
IRF7321D2 www.irf.com 3 fig 3. typical transfer characteristics fig 2. typical output characteristics fig 1. typical output characteristics 1 10 100 0.1 1 10 d ds 20s pulse width t = 25c a -i , drain-to-source current (a) -v , drain-to-source voltage (v) j -3.0v vgs top - 15v - 10v - 7.0v - 5.5v - 4.5v - 4.0v - 3.5v bottom - 3.0v 1 10 100 0.1 1 10 d ds a -i , drain-to-source current (a) -v , drain-to-source voltage (v) -3.0v vgs top - 15v - 10v - 7.0v - 5.5v - 4.5v - 4.0v - 3.5v bottom - 3.0v 20s pulse width t = 150c j 1 10 100 3.0 3.5 4.0 4.5 5.0 5.5 6.0 t = 25c t = 150c j j gs d a -i , drain-to-source current (a) -v , gate-to-source voltage (v) v = -10v 20s pulse width ds fig 4. normalized on-resistance vs. temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 4.9a - - - 4.9a - 10v power mosfet characteristics
IRF7321D2 4 www.irf.com 1 10 100 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c -v , drain-to-source voltage (v) -i , drain current (a) i , drain current (a) ds d 100us 1ms 10ms fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage 0 200 400 600 800 1000 1200 1400 1 10 100 c, capacitance (pf) ds v , drain-to-source volta g e ( v ) a c iss c oss c rss v gs = 0v f = 1 mhz ciss = cgs + cgd + cds shorted crss = cgd coss = cds + cgd - 0 10 20 30 40 0 4 8 12 16 20 q , total gate char g e (nc) -v , gate-to-source voltage (v) g gs i = d -4.9a v = -15v ds fig 7. typical source-drain diode forward voltage 1 10 100 0.4 0.6 0.8 1.0 1.2 1.4 t = 25c t = 150c j j v = 0v gs sd sd a -i , reverse drain current (a) -v , source-to-drain volta g e ( v ) power mosfet characteristics
IRF7321D2 www.irf.com 5 fig 9. maximum effective transient thermal impedance, junction-to-ambient fig 10. typical on-resistance vs. drain current fig 11. typical on-resistance vs. gate voltage 0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 0.50 single pulse (thermal response) r ds (on) , drain-to-source on resistance ( w ) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0 102030 a v = -4.5v v = -10v gs gs -i d , drain current (a) 0.00 0.04 0.08 0.12 0.16 0 3 6 9 12 15 a i = -4.9a d r ds (on) , drain-to-source on resistance ( w ) -v gs , gate -to-source voltage (v) power mosfet characteristics
IRF7321D2 6 www.irf.com schottky diode characteristics fig. 13 - typical values of reverse current vs. reverse voltage fig.14 - maximum allowable ambient temp. vs. forward current reverse current - i r (ma) fig. 12 - typical forward voltage drop characteristics 0.001 0.01 0.1 1 10 100 0102030 r 100c 75c 50c 25c reverse voltage - v (v) 125c a t = 150c j 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 fm f instantaneous forward current - i (a) forward voltage drop - v (v) t = 150c t = 125c t = 25c j j j 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 f(av) a avera g e forw ard current - i ( a ) d = 3/4 d = 1/2 d =1/3 d = 1/4 d = 1/5 v = 80% r ated r = 62.5c/w square wave thja r dc allowable am bient temperature - (c ) forward voltage drop - v f (v)
IRF7321D2 www.irf.com 7 so-8 package details k x 45 c 8x l 8x q h 0.25 (.010) m a m a 0.10 (.004) b 8x 0.25 (.010) m c a s b s - c - 6x e - b - d e - a - 8 7 6 5 1 2 3 4 5 6 5 recommended footprint 0.72 (.028 ) 8x 1.78 (.070) 8x 6.46 ( .255 ) 1.27 ( .050 ) 3x dim inch es m illim et ers m in m a x m in m ax a .0532 .0688 1.35 1.75 a1 .0040 .0098 0.10 0.25 b .014 .018 0.36 0.46 c .0075 .0098 0.19 0.25 d .189 .196 4.80 4.98 e .150 .157 3.81 3.99 e .050 ba sic 1.27 b asic e1 .025 ba sic 0.635 b as ic h .2284 .2440 5.80 6.20 k .011 .019 0.28 0.48 l 0.16 .050 0.41 1.27 q 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m-1982. 2. controlling dimension : inch. 3. d im en sion s a re sh ow n in millime te r s (in c he s). 4. ou tlin e con f orm s to jed e c ou tline ms -012aa . dimension does not include mold protrusions mold p r otr u sions n ot to exce ed 0.25 (.006). d ime ns ion s is th e le n gth of lea d for solde r in g to a su b stra te.. 5 6 a1 e1 q part marking
IRF7321D2 8 www.irf.com 330.00 (12.992) m ax . 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline confo rms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are show n in millimeters(inches). 3. outline conforms to eia-481 & eia-541. tape and reel world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 221 8371 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 http://www.irf.com/ data and specifications subject to change without notice . 3/99


▲Up To Search▲   

 
Price & Availability of IRF7321D2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X